Part Number Hot Search : 
8062M 1N4971C RCB0610 01320 RCB0610 KE200 ENA0125B L7809ABP
Product Description
Full Text Search
 

To Download SMA5937B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMA5921 THRU SMA5945
Elektronische Bauelemente
RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free
VOLTAGE 6.8V ~ 68V
1.5 Watts Surface Mount Zener Diode
FEATURES
SMA
. . . . .
For surface mounted applications 1.5 W power dissipation Low reverse current Ideally suited for automated assembly processes Epitaxial construction
Dimensions in Dimensions in Inches 0.049 0.157 0.098 0.078 0.002 0.188 0.030 0.006 0.065 0.181 0.114 0.096 0.008 0.208 0.060 0.012
. Case: Molded plastic . Epoxy: UL 94V-0 rate flame retardant . Metallurgically bonded construction . Polarity: Color band denotes cathode end . Mounting position: Any . Weight: 0.064 grams
MECHANICAL DATA
A B D
C
A B
Millimeters 1.25 3.99 2.50 1.98 0.051 4.78 0.76 0.152 1.65 4.60 2.90 2.44 0.203 5.28 1.52 0.305
H
C D E F G H
E G F
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
O
Electrical Characteristics
Power Dissipation (Note 1) Half sine-wave superimposed on rated load
JEDEC method (Note 2)
Symbol
PD
Value
1.5
Unit
W
IFSM
10
A
Operating junction and Storage Temperature
Note: (1) Mounted on 5.0mm2(.013mm thick) land areas.
TJ, TSTG
-55 to +155
O
C
(2) Measurd on 8.3ms, single half-sine wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2007 Rev. D
Page 1 of 4
SMA5921 THRU SMA5945
Elektronische Bauelemente
VOLTAGE 6.8V ~ 68V
1.5 Watts Surface Mount Zener Diode
Electrical Characteristic (Ta=25 C) Part No.
SMA5921B SMA5922B SMA5923B SMA5924B SMA5925B SMA5926B SMA5927B SMA5928B SMA5929B SMA5930B SMA5931B SMA5932B SMA5933B SMA5934B SMA5935B SMA5936B SMA5937B SMA5938B SMA5939B SMA5940B SMA5941B SMA5942B SMA5943B SMA5944B SMA5945B
o
Vz (V)
6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68
IzT ( mA )
55.1 50.0 45.7 41.2 37.5 34.1 31.2 28.8 25.0 23.4 20.8 18.7 17.0 15.6 13.9 12.5 11.4 10.4 9.6 8.7 8.0 7.3 6.7 6.0 5.5
ZZT (Ohm)
2.5 3.0 3.5 4.0 4.5 5.5 6.5 7.0 9.0 10 12 14 17.5 19 23 26 33 38 45 53 67 70 86 100 120
ZZK (Ohm)
200 400 400 500 500 550 550 550 600 600 650 650 650 700 700 750 800 850 900 950 1000 1100 1300 1500 1700
IZK ( mA )
1.0 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
IR(uA) Max. VR(V)
2.5 2.5 2.5 2.5 2.5 2.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 5.2 6.0 6.5 7.0 8.0 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7
Surge Current ( mA )
221 200 183 165 150 136 125 115 100 94 83 75 68 63 56 50 45 42 38 35 32 29 27 24 22
Suffix "B" for 5% tolerance.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2007 Rev. D
Page 2 of 4
SMA5921 THRU SMA5945
Elektronische Bauelemente
RATING AND CHARACTERISTIC CURVES
FIG 1. STEADY STATE POWERDERATING
PD, MAXIMUM POWER DISSIPATION (Watts) VZ, TEMPERATURE COEFFICIENT (mV/C)
VOLTAGE 6.8V ~ 68V
1.5 Watts Surface Mount Zener Diode
FIG 2. ZENER VOLTAGE-TO 12 VOLTS
8 6 4 2 0 -2 -4 3
VZ@IZT
5 4 1.5 1.0 0.5 0
0
25
50
75
100
125
150
175
4
5
6
7
8
9
10
11
12
TL,LEADTEMPERATURE(C)
VZ,ZENERVOLTAGE(VOLTS)
FIG 3. ZENER VOLTAGE-10 TO 12 VOLTS
FIG 4. EFFECT OF ZENER CURRENT
VZ, TEMPERATURE COEFFICIENT (mV/C)
120 100 80 60 40 20 0
VZ@IZT
1000
ZZ, DYNAMIC IMPEDANCE (OHMS)
TJ - 25C IZ(ms) = 0.1 IZ(dc) VZ = 150V
100
91V 62V
10
22V 12V
0
20
40
60
80
100 120 140 160 180 200
1 0.5 1 1.0 100
6.8V
100
VZ, ZENERVOLTAGE(VOLTS)
IZ , ZENER TEST CURRENT (mA)
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2007 Rev. D
Page 3 of 4
SMA5921 THRU SMA5945
Elektronische Bauelemente
VOLTAGE 6.8V ~ 68V
1.5 Watts Surface Mount Zener Diode
1K
PPK, PEAK SURGE POWER (Watts)
ZZ, DYNAMIC IMPEDANCE (ohms)
200 100 70 50 30 20
Iz(dc) =1mA
500 300 200 100 50 30 20 10 0.1 0.2 0.3 5
RECTANGULAR NONREPETITIVE WAVEFORM TJ = 25 C PRIOR TO INITIAL PULSE
O
10mA 10 7 5 3
2
20mA 7 10 20 30
Iz(ms) = 0.1Iz(dc) 50 70 100
5
1
235
0
20
50
100
VZ, ZENER VOLTAGE (VOLTS)
PW, PULSE WIDTH (ms)
Fig 5. VZ = 6.8 THRU 10 VOLTS
Fig 6.VZ=12 THRU 82 VOLTS
100
100 50 30 20 10 5 3 2 1 0.5 0.3 0.2 0.1
0 1 2 3 4 5
IZ, ZENER CURRENT (mA)
10 5 3 2 1 0.5 0.3 0.2 0.1 6 7 8 9 10
IZ, ZENER CURRENT (mA)
50 30 20
0
10 20 30 40
50 60 70
80 90 100
VZ, ZENER VOLTAGE (VOLTS)
VZ, ZENER VOLTAGE (VOLTS)
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2007 Rev. D
Page 4 of 4


▲Up To Search▲   

 
Price & Availability of SMA5937B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X